|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DATA SHEET PG150R~PG1510R GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIERS VOLTAGE FEATURES 1.0(25.4)MIN. 50 to 1000 Volts CURRENT 1.5 Amperes DO-15 Unit: inch(mm) * Plastic package has Underwriters Laboratory Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound. * Glass passivated junction * Exceeds environmental standards of MIL-S-19500/228 * Fast switching for high efficiency. * Pb free product are available : 99% Sn above can meet Rohs .034(.86) .028(.71) .300(7.6) environment substance directive request .230(5.8) MECHANICALDATA Case: Molded plastic, DO-15 Terminals: Axial leads, solderable to MIL-STD-202G,Method 208 Polarity: Color Band denotes cathode end Mounting Position: Any Weight: 0.015 ounce, 0.4 gram 1.0(25.4)MIN. .140(3.6) .104(2.6) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25C ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz. PARAMETER Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current .375"(9.5mm) lead length at TA=55O C Peak Forward Surge Current : 8.3ms single half sine-wave superimposed on rated load(JEDEC method) Maximum Forward Voltage at 1.5A Maximum DC Reverse Current TA=25O C at Rated DC Blocking Voltage TA=100O C Maximum Reverse Recovery Time (Note 1) Typical Junction capacitance (Note 2) Typical Thermal Resistance (Note 3) Operating Junction and Storage Temperature Range SYMBOL PG150R PG151R PG152R PG154R PG156R PG158R PG1510R VRRM VRMS VDC IAV IFSM VF 50 35 50 100 70 100 200 140 200 400 280 400 1.5 50 1.3 5.0 150 150 35 45 -55 TO +150 O UNITS V V V A A V 600 420 600 800 560 800 1000 700 1000 IR uA TRR CJ RJA TJ,TSTG 250 500 ns pF C/W O C NOTES:1. Reverse Recovery Test Conditions: IF=.5A, I R=1A, Irr=.25A 2. Measured at 1 MHz and applied reverse voltage of 4.0 VDC 3. Thermal resistance from junction to ambient and from junction to lead length 0.375"(9.5mm) P.C.B. mounted STAD-DEC.16.2004 PAGE . 1 RATING AND CHARACTERISTIC CURVES 10 1 AVERAGE FORWARD RECTIFIED CURRENT AMPERES 3.0 2.5 2.0 SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD .375" (9.5mm) LEAD LENGTH FORWARD CURRENT, AMPERES 10 0 10 -1 1.5 1.0 10 -2 0.5 0 0 50 100 150 10 -3 T A =25 C O 10 -4 0.4 0.6 0.8 1.0 1.2 AMBIENT TEMPERATURE, O C FORWARD VOLTAGE,VOLTS FIG.1 FORWARD CURRENT DERATING CURVE FIG.2 TYPICAL FORWARD CHARACTERISTICS 100 70 PEAK FORWARD SURGE CURRENT, AMPERES 10 20 40 100 60 50 40 30 20 10 40 CAPACITANCE,pF 20 10 4 2 T=25 C J f=1.0MHz Vsig=50mVp-p O 1 1 2 4 1 5 10 20 50 100 REVERSE VOLTAGE, VOLTS NO. OF CYCLES AT 60Hz FIG.3 TYPICAL JUNCTION CAPACITANCE FIG.4 MAX NON-REPETITIVE SURGE CURRENT STAD-DEC.16.2004 PAGE . 2 |
Price & Availability of PG150R04 |